Part Number Hot Search : 
AT1314 AT42QT10 BAS40L MB39A1 04304 TB0270A MMBT5087 TS485504
Product Description
Full Text Search
 

To Download BL78A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 b l 78a05 positive voltage regulators ww w . b ellin g . c o m . c n b elli n g p r o p r i e ta r y in f o r m a t i o n. u n a u t h or iz e d p h o t o c o p y a n d d u p li c a t i o n p r o h i b i t e d ? 2 0 12 b elling a ll ri g h t s re s e r v e d 1. features ? o u t p u t c u rre n t t o 1 .5 a ? o u t p u t v o lt ag e o f 5 v ? ther m al over l oad pr o te c t i on ? short c irc u it p rote c t i on ? o u t p ut trans i t i on soa pro te ct i on 2. description t he BL78A05 o f t h r ee - t e r mi n a l p o s iti v e reg u lat o r s i s avai l ab le i n to - 2 20 p a ck a ge, ma k i ng it u s ef u l in a wide range of appl i c atio n s . th es e regu l ators can provide l a cal o n - c a rd regu l ation, eliminating the distri b u ti o n proble m s associate d w it h singl e p oin t regulation . eac h t y pe e m pl o y s int e rna l curren t l i m iti n g , ther m a l s hu t - do wn a n d s afe area p r o t e ct i on , m a k i n g i t esse n t ia l ly in d estr u ct i b l e. if ade q ua t e h e at s i n k i n g is p rov i de d , the y ca n delive r o v e r 1. 5 a out pu t cu rr ent . althoug h des i gne d pr i m ari l y a s fixe d volt a g e regula t ors , thes e d e v i ces c an b e u s e d wi t h e x t er n al co m ponents t o ob t a i n ad j u s ta b le v o lt a ge a n d curr e nts blo c k di a g r a m
2 b l 78a05 positive voltage regulators ww w . b ellin g . c o m . c n b elli n g p r o p r i e ta r y in f o r m a t i o n. u n a u t h or iz e d p h o t o c o p y a n d d u p li c a t i o n p r o h i b i t e d ? 2 0 12 b elling a ll ri g h t s re s e r v e d sche m atic d ia g ram 3.max i mum ratings a b s ol u t e maxi m u m ratings s y mbol p ar am e t e r v a l ue unit v i d c i np u t v o l t a g e v o = 5 v 35 v i o output current inte r n ally limited p d p o w e r dis s ipat i o n inte r n ally limited t stg storage tem p e r ature r a n g e - 40 to 125 c t op op e r ati n g j u nction tem pe r atu r e r a n g e bl78a 05 0 to 125 c n o t e : ab s o l u te maxi m u m r a ti ng s a r e t h o s e v al u es b e y o nd w h ich d a m a g e to t h e d e v i c e m a y oc c u r . f u nc tio n al o p e r a t i o n u n d e r these c o n d ition is n o t impli ed .
3 b l 78a05 positive voltage regulators ww w . b ellin g . c o m . c n b elli n g p r o p r i e ta r y in f o r m a t i o n. u n a u t h or iz e d p h o t o c o p y a n d d u p li c a t i o n p r o h i b i t e d ? 2 0 12 b elling a ll ri g h t s re s e r v e d 4.electr i cal charac t erist i cs el e c t r i c al c h a ra c t e r is t ics o f BL78A05 (r e f e r to the t es t c ir c uit s , t j = - 40 to 125 c , v i = 11 v , i o = 5 00 ma , c i = 0 . 3 3 f , c o = 0 . 1 f un l e ss o t h e rwise s p eci f ied) s y m b ol parameter t e st conditi o n s min. t y p. max. unit v o output voltage t j = 25c 4.85 5 5.15 v v o output voltage i o = 5 ma to 1 a, p o ? 15 w v i = 8 to 20 v 4 .65 5 5.35 v ? v o(1) li n e reg u lat i on v i = 7 to 25 v, t j = 25c 3 50 mv v i = 8 to 12 v, t j = 25c 1 25 ? v o(1) lo a d re g u lat io n i o = 5 ma to 1 . 5 a, t j = 25c 100 mv i o = 250 to 750 ma, t j = 25c 25 i d quiescent current t j = 25c 8 m a ? i d quiesc e nt current cha n ge i o = 5 ma to 1 a 0.5 ma v i = 8 to 25 v 0.8 ? v o /?t output voltage drift i o = 5 ma 0.6 mv/c en output noi s e volta g e b =10 hz to 100 khz, t j = 25 c 40 v/v o svr sup p ly volt a ge rejecti o n v i = 8 to 18 v, f = 120 hz 68 db v d dro p out volt ag e i o = 1 a, t j = 2 5c 2 2.5 v r o output resistance f = 1 khz 17 m i sc short circuit current v i = 35 v, t j = 25c 0.75 1.2 a i s c p short circuit peak current t j = 25c 1 .3 1.9 2 .2 a 1. load and line re g ul a tion a re spe c ified at constant junction tem p erature. c h an g es in v o due to h e a ting e ffects must be taken into acco u nt se p arate l y . p u l s e testing w i th l o w d u t y c y cle is used.
4 b l 78a05 positive voltage regulators ww w . b ellin g . c o m . c n b elli n g p r o p r i e ta r y in f o r m a t i o n. u n a u t h or iz e d p h o t o c o p y a n d d u p li c a t i o n p r o h i b i t e d ? 2 0 12 b elling a ll ri g h t s re s e r v e d 5 . t est ci r c uits d c pa r a m et er l o a d re gu l a t ion ripple rejection
5 b l 78a05 positive voltage regulators ww w . b ellin g . c o m . c n b elli n g p r o p r i e ta r y in f o r m a t i o n. u n a u t h or iz e d p h o t o c o p y a n d d u p li c a t i o n p r o h i b i t e d ? 2 0 12 b elling a ll ri g h t s re s e r v e d 6. p a c k a g e me c h anical data notes: a) confirms t o jedec t o - 220 v ari a tion ab except where noted b) all dimensions are in millimeters. c) dimensions are exclusive of burrs, mold fla s h, and tie bar extrusio n s.


▲Up To Search▲   

 
Price & Availability of BL78A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X